PART |
Description |
Maker |
HA12133MP |
PRE, REC, eguallzer IC for R-DAT PRE,REC,EQUALLZER IC FOR R-DAT
|
Hitachi Semiconductor
|
AN4016 |
2 kW PPA for ISM applications
|
STMicroelectronics
|
1N4148 1N4448 |
High-speed switching diode 高速开关二极管 PPA-WW(1X1)
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 Formosa MS
|
1N4148 1N4448 |
PPA-TP(2,4X0,8) From old datasheet system Silicon Epitaxial Planar Diodes
|
Vishay Intertechnology,Inc. Vishay Telefunken
|
5-1542000-6 |
Heat Sink Assemblies; HTS191-P=25MM HS ASSY PPA CLIP ( AMP )
|
Tyco Electronics
|
PSB4600-FV1.2 |
PITA (PCI Interface for Telephony/Dat...
|
Infineon
|
DAT40 DAT80 |
(DAT Series) High Voltage / Power Capacitors
|
Murata Electronics
|
ON2175 CNB1304H |
From old datasheet system Reflective photosensor Tape end sensor for DAT
|
PANASONIC[Panasonic Semiconductor]
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|